PART |
Description |
Maker |
MAAM-007796-15 |
Low Noise FTTx Amplifier
|
M/A-COM Technology Solu...
|
MAAM-008644-001SMB MAAM-008644-TR3000 MAAM-008644 |
Low Noise FTTx Amplifier 50 - 1000 MHz
|
MACOM[Tyco Electronics]
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AD603SQ/883B AD603 AD603SQ883B |
Low noise, 90 MHz variable-gain amplifier Low Noise, 90 MHz Variable Gain Amplifier Low Noise, Voltage-Controlled Amplifier For Use In RF And IF AGC Systems
|
Analog Devices, Inc.
|
OP-27EP OP-27GZ OP-27 OP-27AJ OP-27AZ OP-27BJ OP-2 |
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER 低噪声,高精度运算放大器 Low Noise, Precision Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military OP-AMP, 200 uV OFFSET-MAX, 8 MHz BAND WIDTH, PQCC20 Low Noise, Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Military OP-AMP, 60 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 4" CONN,COMP.,EMT,DC 低噪声,高精度运算放大器 LOW NOISE PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. Linear Technology, Corp. AD[Analog Devices]
|
KTC3880 KTC3911 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER) 外延平面NPN晶体管(高频低噪声放大器,甚高频波段放大器) EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
|
KEC Holdings KEC(Korea Electronics)
|
TGA4600-EPU |
60 GHz Low-Noise Amplifier 60GHz Low Noise Amplifier
|
TRIQUINT[TriQuint Semiconductor]
|
NTE2403 NTE2402 |
Silicon complementary PNP transistor. Low noise, UNF/VNF amplifier. Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier Silicon Complementary Transistors Low Noise / UHF/VHF Amplifier
|
NTE[NTE Electronics]
|
AMMC-6231 |
AMMC-6231 · 16-32 GHz Low Noise Amplifier 16?2 GHz Low Noise Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
K4S64323LF-DN15 K4S64323LF-DN15-PB K4S64323LF-DN1H |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 0 to 70 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP 0 to 70 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 2Mx32移动SDRAM 90FBGA 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|